PART |
Description |
Maker |
PIC24FJ256DA210T-I/BG PIC24FJ256DA206T-I/BG PIC24F |
64/100-Pin, 16-Bit Flash Microcontrollers with Graphics Controller and USB On-The-Go (OTG) 16-BIT, FLASH, 32 MHz, MICROCONTROLLER, PQCC64
|
Microchip Technology
|
PIC12F629-I_MF PIC12F629-I_P PIC12F629-I_SN PIC12F |
8-Pin, Flash-Based 8-Bit CMOS Microcontrollers 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PDIP8
|
Microchip Technology
|
PIC24FJ32GA002-I PIC24FJ48GA002-I/ML 64GA004 16GA0 |
28/44-Pin General Purpose, 16-Bit Flash Microcontrollers 16-BIT, FLASH, 32 MHz, MICROCONTROLLER, PQCC28
|
Microchip Technology
|
PIC18F23K2010 PIC18F25K20-E_ML PIC18F25K20-E_P PIC |
28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology 8-BIT, FLASH, 64 MHz, MICROCONTROLLER, PQCC44 8-BIT, FLASH, 64 MHz, MICROCONTROLLER, PQCC28
|
Microchip Technology
|
AM29LV102B AM29LV102BB-120EC AM29LV102BB-120ECB AM |
2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector 32-Pin Flash Memory IC SMT SRAM 128K X 8 70NS 5V SOP-32 SRAM; Memory Type:Asynchronous SRAM; Memory Size:1MB; Memory Configuration:64K x 16; Access Time, Tacc:10ns; Package/Case:44-TSOP-II; Operating Temp. Max:70 C; Operating Temp. Min:0 C RoHS Compliant: Yes 2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector 32-Pin Flash Memory 256K X 8 FLASH 3V PROM, 120 ns, PDSO32 2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector 32-Pin Flash Memory 2兆位256亩8位).0伏的CMOS只,引导扇区32引脚闪存
|
AMD[Advanced Micro Devices] Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
PIC16F73T-E/ML PIC16F73T-E/SO PIC16F73T-E/SS PIC16 |
This powerful (200 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS FLASH-based 8-bit ... 28/40-pin, 8-bit CMOS FLASH Microcontrollers
|
Microchip
|
PIC12F629 PIC12F629EMF PIC12F629EP PIC12F629ESN PI |
8-Pin FLASH-Based 8-Bit CMOS Microcontrollers 8-Pin, 8-Bit CMOS Microcontroller with EEPROM Data Memory IC,MICROCONTROLLER,8-BIT,PIC CPU,CMOS,DIP,8PIN,PLASTIC
|
MICROCHIP[Microchip Technology]
|
PIC16F883T-E/PSQTP PIC16F883T-E/PTSQTP PIC16F883T- |
28/40/44-Pin, Enhanced Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology 28/40/44-Pin,增强基于闪存的纳瓦技术的8位CMOS微控制器
|
Microchip Technology Inc. Microchip Technology, Inc.
|
PIC12F635E/MF PIC12F635E/MFQTP PIC12F635E/P PIC12F |
8/14-PIN FLASH-BASED, 8-BIT CMOS MICROCONTROLLERS WITH NANOWATT TECHNOLOGY This powerful yet easy-to-program (only 35 single word instructions) CMOS Flash-based 8-bit microcontroller packs Microchip’s ...
|
Microchip
|
ATMEGA16-16AC ATMEGA16-16AI ATMEGA16L-8AC ATMEGA16 |
8-bit AVR Microcontroller with 16K Bytes In-System Programmable Flash -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 8-BIT, FLASH, 16 MHz, RISC MICROCONTROLLER, PQFP44 CONNECTORS, INDUSTRIAL; SERIES:97/MS; CONNECTOR TYPE:CIRCULAR; ER 3C 3#12 PIN RECP BOX
|
ATMEL Corporation Atmel, Corp. Atmel Corp.
|